Part Number Hot Search : 
T82A6 T74LV B1185 BD9G101G IVRC059X XTV12750 2SC3930 TGT20
Product Description
Full Text Search
 

To Download MUR860 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E
L
E
C
T
R
O
N
I
C
MUR860
Ultrafast Rectifier - 8Amp 600Volt
Features
-Epoxy Meets UL 94V-0 -Higjt Voltage Capability -Low Leakage Current -High Temperature Glass Passivated Junction -Pb-Free Packages is Available
Mechanical Characteristics
-Case: Epoxy, Molded -Weight: 1.9 grames(Approximately) -Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable -Lead Temperature for Soldering Purposes: 260 C Max for 10 Seconds
Maximum ratings
Rating Peak Repetitive Reverse Voltage Average Rectified Forward Current Total Device(Rated VR), TC = 150 C Peak Repetitive Forward Current (Rated VR, Square Wave, 20kHZ), TC = 150 C Nonrepetitive Peak Surge Current (Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60HZ) Operating Junction Temperature and Storage Temperature Range Symbol Value 600 8 Unit V A
VRRM IF(AV) IFM IFSM TJ, Tstg
16
A
100 -65 to +175
A C
Electrical characteristics
Rating Maximum Instantaneous Forward Voltage (Note 1) IF = 8.0A, TC = 150 C IF = 8.0A, TC = 25 C Maximum Instantaneous Reverse Current (Note 1) Rated DC Voltage, TJ = 150 C Rated DC Voltage, TJ = 25 C Maximum Reverse Recovery Time IF = 1.0A, di/dt = 50A/s IF = 0.5A, IR = 1.0A, IREC = 0.25A Maximum Thermal Resistance, Junction-to-Case Note: 1.Pulse Test : Pulse Width = 300s, Duty Cycle
Symbol
Value
Unit
VF
1.2 1.5 500 10 60 50 2.0
V
IR
A
trr RJC
ns C/W
2.0%
August 2007 / Rev.5
http:// www.sirectsemi.com
1
MUR860
1000 Tj = 150 oC
70 50
IR, REVERSE CURRENT (A)
100
100 100 oC 10
30
25 oC 1.0
IF, INSTANTANEOUS FORWARD CURRENT (AMPS)
20
15 0
oC oC
Tj =
10 7.0 5.0
10 0
0.1
25
oC
0.01 100 200 300 400 500 600
VR, REVERSE VOLTAGE (VOLTS)
3.0 2.0
Figure 2. Typical Reverse Current
0.7 0.5
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
1.0
10 9.0 8.0 dc 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 130 140 150 160 170 180 SQUARE WAVE RATED VR APPLIED
0.3 0.2
0.1 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
Figure 1. Typical Forward Voltage
TC, CASE TEMPERATURE (oC)
Figure 3. Current Derating, Case
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
10 9.0 8.0 7.0 6.0 5.0 4.0 dc 3.0 2.0 1.0 0 0 20 40 60 80 100 120 140 160 180 200 SQUARE WAVE SQUARE WAVE dc RJA = 16 oC/W RJA = 60 oC/W
PF(AV), AVERAGE POWER DISSIPATION (WATTS)
(NOT HEAT SINK)
14 13 12 11 10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10 Tj = 175 oC dc SQUARE WAVE
TA, AMBIENT TEMPERATURE (oC)
Figure 4. Current Derating, Ambient
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 5. Power Dissipation
http:// www.sirectsemi.com
2
MUR860
1
r(t), TRANSIENT THERMAL RESISTANCE
D = 0.5 0.5 0.1
0.05 0.1 0.01 0.05 SINGLE PULSE DUTY CYCLE, D = t1/t2
t1 t2 PPK
ZJC(t) = r(t)RJC RJC = 1.5oC/W MAX D CURVES APPLY FOR POWER PULSE TRAIN SHOWN READ TIME AT T1 TJ(pk) - TC = P(pk)ZJC(t)
0.01 0.01 0.05 0.1 0.5 1 5 10 50 100 500 1000
t, TIME (ms)
Figure 6. Thermal Response
1000 500
C, CAPACITANCE, (pF)
Tj = 25 oC 200
100 50
20
10 1.0 5.0 10 50 100
VR, REVERSE VOLTAGE (VOLTS)
Figure 7. Typical Capacitance
http:// www.sirectsemi.com
3
MUR860
TO-220AC PACKAGE
K
A
DIM A B C D E F G H I J K L M N O
DIMENSIONS INCHES MM MIN MAX MIN MAX .579 .602 14.70 15.30 .392 .411 9.95 10.45 .104 .116 2.65 2.95 .248 .264 6.30 6.70 .325 .344 8.25 8.75 .126 .138 3.20 3.50 .524 .547 13.30 13.90 .096 .108 2.45 2.75 .030 .035 0.75 0.90 .013 .020 0.35 0.50 .146 .157 3.70 4.00 .171 .187 4.35 4.75 .049 .057 1.25 1.45 .102 .114 2.60 2.90 .047 .055 1.20 1.40
NOTE
Sirectifier Global Corp., Delaware, U.S.A. U.S.A.: sgc@sirectsemi.com France: ss@sirectsemi.com Taiwan: se@sirectsemi.com Hong Kong: hk@sirectsemi.com China: st@sirectsemi.com ...Thailand: th@sirectsemi.com Philippines: aiac@sirectsemi.com Belize: belize@sirectsemi.com
http:// www.sirectsemi.com
4


▲Up To Search▲   

 
Price & Availability of MUR860

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X